PART |
Description |
Maker |
IRLZ44NSLPBF |
Logic-Level Gate Drive
|
International Rectifier
|
IRL1104PBF |
Logic-Level Gate Drive
|
International Rectifier
|
IRLR3105PBF IRLR3105TRPBF IRLU3105PBF |
Logic-Level Gate Drive
|
International Rectifier
|
BT136 BT136-500 BT136-500F BT136-500G BT136-600 BT |
Triacs(双向可控 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MC74VHC1GT32DTT1 MC74VHC1GT32DFT1 MC74VHC1GT32 MC7 |
Single 2 Input OR Gate, TTL Level 2-Input OR Gate/CMOS Logic Level Shifter
|
ONSEMI[ON Semiconductor]
|
MAC99706 MAC997B8RLRP MAC997 MAC997A6 MAC997A6RL1 |
400 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ONSEMI[ON Semiconductor]
|
BT136M-500D BT136M-600D BT136S-500D BT136S-600D BT |
8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Triacs logic level
|
NXP Semiconductors N.V. Philips Semiconductors
|
MC74VHC1GT00 MC74VHC1GT00-D MC74VHC1GT00DF1G MC74V |
Single 2 Input NAND Gate TTL level Single 2-Input NAND Gate/ CMOS Logic Level Shifter with LSTTL - Compatible Inputs
|
ON Semiconductor
|
PMV45EN PMV45EN-01 |
uTrenchMOS tm enhanced logic level FET N-channel TrenchMOS logic level FET mTrenchMOS enhanced logic level FET From old datasheet system mTrenchMOSTM enhanced logic level FET
|
NXP Semiconductors N.V. Philips
|
BT137X-600F BT137X-800 BT137X BT137X-800E BT137X-8 |
DIODE ZENER SINGLE 150mW 7.5Vz 5mA-Izt 0.0604 1uA-Ir 5 SOT-523 3K/REEL 500 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC Octal Buffers and Line Drivers with 3-State Outputs 20-LCCC -55 to 125 Triacs logic level Triacs sensitive gate TRIAC|600VV(DRM)|8AI(T)RMS|SOT-186A
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MAC97 MAC97A8RLRM MAC97A8RLRMG MAC97A8RLRP MAC97A8 |
Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 600 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 400 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 200 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ON Semiconductor
|